Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download 74VHC15707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC157 Quad 2-Input Multiplexer
May 2007
74VHC157 Quad 2-Input Multiplexer
Features
High Speed: tPD = 4.1ns (Typ.) at VCC = 5V Low power dissipation: ICC = 4A (Max.) at TA = 25C High noise immunity: VNIH = VNIL = 28% VCC (Min.) Power down protection is provided on all inputs Low noise: VOLP = 0.8V (Max.) Pin and function compatible with 74HC157
tm
General Description
The VHC157 is an advanced high speed CMOS Quad 2-Channel Multiplexer fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. It consists of four 2-input digital multiplexers with common select and enable inputs. When the ENABLE input is held "H" level, selection of data is inhibited and all the outputs become "L" level. The SELECT decoding determines whether the I0x or I1x inputs get routed to their corresponding outputs. An Input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and on two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
Ordering Information
Order Number
74VHC157M 74VHC157SJ 74VHC157MTC
Package Number
M16A M16D MTC16
Package Description
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering number.
Connection Diagram
Pin Description
Pin Names
I0a-I0d I1a-I1d E S Za-Zd
Description
Source 0 Data Inputs Source 1 Data Inputs Enable Input Select Input Outputs
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com
74VHC157 Quad 2-Input Multiplexer
Logic Symbols
Functional Description
The VHC157 is a quad 2-input multiplexer. It selects four bits of data from two sources under the control of a common Select input (S). The Enable input (E) is activeLOW. When E is HIGH, all of the outputs (Z) are forced LOW regardless of all other inputs. The VHC157 is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The logic equations for the outputs are shown below: Za = E * (I1a * S + I0a * S) IEEE/IEC Zb = E * (I1b * S + I0b * S) Zc = E * (I1c * S + I0c * S) Zd = E * (I1d * S + I0d * S) A common use of the VHC157 is the moving of data from two groups of registers to four common output busses. The particular register from which the data comes is determined by the state of the Select input. A less obvious use is as a function generator. The VHC157 can generate any four of the sixteen different functions of two variables with one variable common. This is useful for implementing gating functions.
Truth Table
Inputs E
H L L L L
Outputs I1
X L H X X
S
X H H L L
I0
X X X L H
Z
L L H L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 2
74VHC157 Quad 2-Input Multiplexer
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 3
74VHC157 Quad 2-Input Multiplexer
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VIN VOUT IIK IOK IOUT ICC TSTG TL Supply Voltage DC Input Voltage DC Output Voltage Input Diode Current Output Diode Current DC Output Current DC VCC / GND Current Storage Temperature
Parameter
Rating
-0.5V to +7.0V -0.5V to +7.0V -0.5V to VCC + 0.5V -20mA 20mA 25mA 50mA -65C to +150C 260C
Lead Temperature (Soldering, 10 seconds)
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
VCC VIN VOUT TOPR tr , tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time, VCC = 3.3V 0.3V VCC = 5.0V 0.5V
Parameter
Rating
2.0V to +5.5V 0V to +5.5V 0V to VCC -40C to +85C 0ns/V 100ns/V 0ns/V 20ns/V
Note: 1. Unused inputs must be held HIGH or LOW. They may not float.
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 4
74VHC157 Quad 2-Input Multiplexer
DC Electrical Characteristics
TA = 25C Symbol
VIH VIL VOH
TA = -40C to +85C Max. Min.
1.50 0.7 x VCC 0.50 0.3 x VCC 0.50 0.3 x VCC 1.9 2.9 4.4 2.48 3.80 V V
Parameter
HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage
VCC (V)
2.0 3.0-5.5 2.0 3.0-5.5 2.0 3.0 4.5 3.0 4.5
Conditions
Min.
1.50 0.7 x VCC
Typ.
Max.
Units
V
VIN = VIH or VIL
IOH = -50A
1.9 2.9 4.4
2.0 3.0 4.5
IOH = -4mA IOH = -8mA VIN = VIH or VIL IOL = 50A
2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 4.0
VOL
LOW Level Output Voltage
2.0 3.0 4.5 3.0 4.5
0.1 0.1 0.1 0.44 0.44 1.0 40.0
V
IOL = 4mA IOL = 8mA VIN = 5.5V or GND VIN = VCC or GND
IIN ICC
Input Leakage Current Quiescent Supply Current
0-5.5 5.5
A A
Noise Characteristics
TA = 25C Symbol
VOLP(3) VOLV(3) VIHD(3) VILD(3)
Parameter
Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage
VCC (V)
5.0 5.0 5.0 5.0
Conditions
CL = 50pF CL = 50pF CL = 50pF CL = 50pF
Typ.
0.3 -0.3
Limits
0.8 -0.8 3.5 1.5
Units
V V V V
Note: 2. Parameter guaranteed by design.
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 5
74VHC157 Quad 2-Input Multiplexer
AC Electrical Characteristics
VCC (V)
3.3 0.3 5.0 0.5 tPLH, tPHL Propagation Delay, S to Zn 3.3 0.3 5.0 0.5 tPLH, tPHL Propagation Delay, E to Zn 3.3 0.3 5.0 0.5 CIN CPD Input Capacitance Power Dissipation Capacitance
TA = 25C Conditions
CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF VCC (3) = Open
TA = -40C to +85C Min.
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Symbol
tPLH, tPHL
Parameter
Propagation Delay, In to Zn
Min.
Typ.
6.2 8.7 4.1 5.6 8.4 10.9 5.3 6.8 8.7 11.2 5.6 7.1 4 20
Max.
9.7 13.2 6.4 8.4 13.2 16.7 8.1 10.1 13.6 17.1 8.6 10.6 10
Max.
11.5 15.0 7.5 9.5 15.5 19.0 9.5 11.5 16.0 19.5 10.0 12.0 10
Units
ns ns ns ns ns ns pF pF
Note: 3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 6
74VHC157 Quad 2-Input Multiplexer
Physical Dimensions
Dimensions are in millimeters unless otherwise noted.
Figure 1. 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M16A
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 7
74VHC157 Quad 2-Input Multiplexer
Physical Dimensions (Continued) Dimensions are in millimeters unless otherwise noted.
Figure 2. 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 8
74VHC157 Quad 2-Input Multiplexer
Physical Dimensions (Continued) Dimensions are in millimeters unless otherwise noted.
5.000.10 4.55 5.90 4.45 7.35
0.65
4.40.1
1.45
5.00 0.11
12
MTC16rev4
Figure 3. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC16
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 9
74VHC157 Quad 2-Input Multiplexer
TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM 2 E CMOSTM (R) EcoSPARK EnSignaTM FACT Quiet SeriesTM (R) FACT (R) FAST FASTrTM FPSTM (R) FRFET GlobalOptoisolatorTM GTOTM HiSeCTM
(R)
i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM Motion-SPMTM MSXTM MSXProTM OCXTM OCXProTM (R) OPTOLOGIC (R) OPTOPLANAR PACMANTM PDP-SPMTM POPTM (R) Power220 (R) Power247 PowerEdgeTM PowerSaverTM
Power-SPMTM (R) PowerTrench Programmable Active DroopTM (R) QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM (R) SPM STEALTHTM SuperFETTM SuperSOTTM -3 SuperSOTTM -6 SuperSOTTM -8 SyncFETTM TCMTM (R) The Power Franchise
TM
TinyBoostTM TinyBuckTM (R) TinyLogic TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM (R) UHC UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I26
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c)1992 Fairchild Semiconductor Corporation 74VHC157 Rev. 1.2
www.fairchildsemi.com 10


▲Up To Search▲   

 
Price & Availability of 74VHC15707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X